công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2AFECAB bảng dữ liệu(PDF) 110 Page - Renesas Technology Corp

tên linh kiện R7KA8M2AFECAB
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB bảng dữ liệu(HTML) 110 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 106Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 107Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 108Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 109Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 110Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 111Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 112Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 113Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 295 page
background image
Table 2.47
Outline of operation for each unit (2 of 2)
Peripheral
Outline of operation
ESWM
Communication mode is set to 1 Gbps, MAC Loop back.
gPTP timer is enabled.
ESWM is operating continuous transmission and reception on two ports simultaneously.
USBFS
Transfer types are set to bulk transfer. USBFS is operating using Full-speed transfer (12 Mbps).
USBHS
Transfer types are set to bulk transfer. USBHS is operating using High-speed transfer.
SCI
SCI is transmitting data in clock synchronous mode.
IIC
Communication format is set to I2C-bus format. IIC is transmitting data in master mode.
I3C
Communication format is set to I3C SDR format. I3C is transmitting data in master mode (12.5MHz).
CANFD
CANFD is transmitting and receiving data in self-test mode 1.
SPI
SPI mode is set to SPI operation (4-wire method).
SPI master/slave mode is set to master mode.
SPI is transmitting 32-bit width data.
OSPI
OSPI is issuing memory write command to HyperRAM.
SSIE
Communication mode is set to Master. System word length is set to 32 bits.
Data word length is set to 20 bits. SSIE is transmitting data using I2S format.
SDHI
Transfer bus mode is set to 8-bit wide bus mode. SDHI is issuing CMD24 (single-block write).
PDMIF
PDMIF is detecting sound activity for 3 channels.
ADC16H
Resolution is set to 16-bit accuracy.
Conversion Data Operation Control B Register is set to 16 times average mode.
ADC is converting the analog input in continuous scan mode.
ADC is operating with ADCCLK.
DAC12
DAC12 is outputting the conversion result while updating the value of data register.
TSN
TSN is operating.
ACMPHS
ACMPHS is operating.
CEU
CEU is capturing data and transferring to the SRAM.
ELC
Only clear module stop bit.
RSIP-E50D
RSIP is doing self-test operation.
DOTF
DOTF is doing decryption with AES.
CRC
CRC is generating CRC code using 32-bit CRC32-C polynomial.
DOC
DOC is operating in data comparison mode.
CAC
Measurement target clocks is set to PCLKB. Measurement reference clocks is set to PCLKB.
CAC is measuring the clock frequency accuracy.
DMAC
Bit length of transfer data is set to 32 bits. Transfer mode is set to block transfer mode.
DMAC is transferring data from SRAM0 to SRAM0.
DTC
Bit length of transfer data is set to 32 bits. Transfer mode is set to block transfer mode.
DTC is transferring data from SRAM0 to SRAM0.
2.2.8.2
Example of Tj Calculation
Assumption :
● Package 289-pin BGA : θja = 20 ℃/W
● Ta = 65 ℃
● ICC + ICC_DCDC = 320 mA
● VCC = 3.5 V (VCC = VCC2 = AVCC0 = AVCC_USBHS = VCC_USB = VCC_USBHS)
● IOH = 1 mA, VOH = VCC – 0.5 V, 12 Outputs
● IOL = 20 mA, VOL = 1.0 V, 8 Outputs
● IOL = 1 mA, VOL = 0.5 V, 12 Outputs
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 110 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com