công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECHC bảng dữ liệu(PDF) 210 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC bảng dữ liệu(HTML) 210 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 206Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 207Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 208Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 209Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 210Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 211Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 212Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 213Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 295 page
background image
2.3.16
CEU Timing
Table 2.76
Capture Engine Unit Signal Timing
Parameter
Symbol
VCC
Min
Max
Unit
Test conditions
Vertical sync (VIO_VD) setup time (Camera clock
rising)
tVVDS
2.70 V or above
2.0
—
ns
Figure 2.108
Figure 2.109
1.62 V or above
4.5
—
Vertical sync (VIO_VD) setup time (Camera clock
falling)
tVVDS
2.70 V or above
2.5
—
ns
1.62 V or above
4.5
—
Vertical sync (VIO_VD) hold time
tVVDH
2.70 V or above
3.5
—
ns
1.62 V or above
5.5
—
Horizontal sync (VIO_HD) setup time (Camera
clock rising)
tVHDS
2.70 V or above
2.0
—
ns
1.62 V or above
4.5
—
Horizontal sync (VIO_HD) setup time (Camera
clock falling)
tVHDS
2.70 V or above
2.5
—
ns
1.62 V or above
4.5
—
Horizontal sync (VIO_HD) hold time
tVHDH
2.70 V or above
3.5
—
ns
1.62 V or above
5.5
—
Capture image data (VIO_D) setup time (Camera
clock rising)
tVDTS
2.70 V or above
2.0
—
ns
1.62 V or above
4.5
—
Capture image data (VIO_D) setup time (Camera
clock falling)
tVDTS
2.70 V or above
2.5
—
ns
1.62 V or above
4.5
—
Capture image data (VIO_D) hold time
tVDTH
2.70 V or above
3.5
—
ns
1.62 V or above
5.5
—
Camera clock cycle
tVCYC
2.70 V or above
11.5
—
ns
1.62 V or above
23.0
—
Camera clock high level width
tVHW
2.70 V or above
0.4 × tVCYC
—
ns
1.62 V or above
0.4 × tVCYC
—
Camera clock low level width
tVLW
2.70 V or above
0.4 × tVCYC
—
ns
1.62 V or above
0.4 × tVCYC
—
Field identification signal (VIO_FLD) setup time
(Camera clock rising)
tVFDS
2.70 V or above
2.0
—
ns
1.62 V or above
4.5
—
Field identification signal (VIO_FLD) setup time
(Camera clock falling)
tVFDS
2.70 V or above
2.5
—
ns
1.62 V or above
4.5
—
Field identification signal (VIO_FLD) hold time
tVFDH
2.70 V or above
3.5
—
ns
1.62 V or above
5.5
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 210 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com