công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECHC bảng dữ liệu(PDF) 192 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC bảng dữ liệu(HTML) 192 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 188Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 189Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 190Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 191Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 192Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 193Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 194Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 195Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 295 page
background image
Table 2.70
IIC timing (2)
Setting of the I3C_SCL0, I3C_SDA0 pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
IIC
(Hs-mode)
BFCTL.HS
ME = 1
SCL input cycle time
tSCL
3.00 V or above
46 (48) × tI3Ccyc
—
ns
1.65 to 1.95 V
46 (48) × tI3Ccyc
—
SCL input high
pulse width
Cb = 400 pF
tSCLH
3.00 V or above
29 (30) × tI3Ccyc
—
ns
1.65 to 1.95 V
29 (30) × tI3Ccyc
—
Cb = 100 pF
3.00 V or above
13 (14) × tI3Ccyc
—
1.65 to 1.95 V
13 (14) × tI3Ccyc
—
SCL input low
pulse width
Cb = 400 pF
tSCLL
3.00 V or above
69 (70) × tI3Ccyc
—
ns
1.65 to 1.95 V
69 (70) × tI3Ccyc
—
Cb = 100 pF
3.00 V or above
33 (34) × tI3Ccyc
—
1.65 to 1.95 V
33 (34) × tI3Ccyc
—
SCL rise time
Cb = 400 pF
tSrCL
3.00 V or above
—
80
ns
1.65 to 1.95 V
—
80
Cb = 100 pF
3.00 V or above
—
40
1.65 to 1.95 V
—
40
SDA rise time
Cb = 400 pF
tSrDA
3.00 V or above
—
160
ns
1.65 to 1.95 V
—
160
Cb = 100 pF
3.00 V or above
—
80
1.65 to 1.95 V
—
80
SCL fall time
Cb = 400 pF
tSfCL
3.00 V or above
—
80
ns
1.65 to 1.95 V
—
80
Cb = 100 pF
3.00 V or above
—
40
1.65 to 1.95 V
—
40
SDA fall time
Cb = 400 pF
tSfDA
3.00 V or above
—
160
ns
1.65 to 1.95 V
—
160
Cb = 100 pF
3.00 V or above
—
80
1.65 to 1.95 V
—
80
SCL, SDA input spike pulse removal
time
tSP
3.00 V or above
0
1 (1) × tI3Ccyc
ns
1.65 to 1.95 V
0
1 (1) × tI3Ccyc
Repeated START condition input
setup time
tSTAS
3.00 V or above
40
—
ns
1.65 to 1.95 V
40
—
STOP condition input setup time
tSTOS
3.00 V or above
40
—
ns
1.65 to 1.95 V
40
—
Data input setup time
tSDAS
3.00 V or above
10
—
ns
1.65 to 1.95 V
10
—
Data input hold
time
Cb = 400 pF
tSDAH
3.00 V or above
0
150
ns
1.65 to 1.95 V
0
150
Cb = 100 pF
3.00 V or above
0
70
1.65 to 1.95 V
0
70
SCL, SDA capacitive load
Cb*1
3.00 V or above
—
400
pF
1.65 to 1.95 V
—
400
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 192 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com