công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECHC bảng dữ liệu(PDF) 186 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC bảng dữ liệu(HTML) 186 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 182Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 183Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 184Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 185Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 186Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 187Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 188Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 189Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 295 page
background image
Table 2.66
IIC timing (2)
Setting of the SCL0_A, SDA0_A, SCL1_A, SDA1_A. SCL2_A, SDA2_A pins are not required with the port drive capability bit in the PmnPFS
register.
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
IIC
(Fast-mode+)
ICFER.FMPE = 1
SCL input cycle time
tSCL
2.70 V or
above
6 (12) × tIICcyc +
240
—
ns
Figure 2.88
1.62 to 1.95V
SCL input high pulse
width
tSCLH
2.70 V or
above
3 (6) × tIICcyc + 120 —
ns
1.62 to 1.95V
SCL input low pulse width tSCLL
2.70 V or
above
3 (6) × tIICcyc + 120 —
ns
1.62 to 1.95V
SCL, SDA rise time
tSr
2.70 V or
above
—
120
ns
1.62 to 1.95V
SCL, SDA fall time
tSf
2.70 V or
above
20 × (external
pullup voltage/
5.5V)
120
ns
1.62 to 1.95V
SCL, SDA input spike
pulse removal time
tSP
2.70 V or
above
0
1 (4) × tIICcyc
ns
1.62 to 1.95V
SDA input bus free time
when wakeup function is
disabled
tBUF
2.70 V or
above
3 (6) × tIICcyc + 120 —
ns
1.62 to 1.95V
SDA input bus free time
when wakeup function is
enabled
tBUF
2.70 V or
above
3 (6) × tIICcyc + 4 ×
tPcyc + 120
—
ns
1.62 to 1.95V
Start condition input
hold time when wakeup
function is disabled
tSTAH
2.70 V or
above
tIICcyc + 120
—
ns
1.62 to 1.95V
START condition input
hold time when wakeup
function is enabled
tSTAH
2.70 V or
above
1 (5) × tIICcyc +
tPcyc + 120
—
ns
1.62 to 1.95V
Restart condition input
setup time
tSTAS
2.70 V or
above
120
—
ns
1.62 to 1.95V
Stop condition input setup
time
tSTOS
2.70 V or
above
120
—
ns
1.62 to 1.95V
Data input setup time
tSDAS
2.70 V or
above
tIICcyc + 30
—
ns
1.62 to 1.95V
Data input hold time
tSDAH
2.70 V or
above
0
—
ns
1.62 to 1.95V
SCL, SDA capacitive load Cb*1
2.70 V or
above
—
550
pF
1.62 to 1.95V
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle, tPcyc: PCLKB cycle.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 186 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com