công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECHC bảng dữ liệu(PDF) 168 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC bảng dữ liệu(HTML) 168 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 164Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 165Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 166Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 167Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 168Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 169Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 170Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 171Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 295 page
background image
Table 2.63
SPI timing (5 of 5)
Conditions:
1. High-speed high drive output is selected in the Port Drive Capability bit in the PmnPFS register for the following pins:
RSPCLKA_B, RSPCLKB_B.
For other pins, high drive output is selected in the Port Drive Capability bit in the PmnPFS register.
2. Use pins that have a letter appended to their names, for instance “_A” or “_B” to indicate group membership.
3. Load capacitance C = 15pF is applied to the VCC/VCC2 condition “3.00 V or above”.
Parameter
High Speed/
Default
VCC/VCC2
Symbol
Min
Max
Unit
Note
Successive
transmission
delay time
Master
—
3.00 V or above
tTD
tSPcyc + 2 × tTcyc
8 × tSPcyc
+ 2 × tTcyc
ns
Figure 2.76,
Figure 2.77
—
2.70 V or above
tSPcyc + 2 × tTcyc
8 × tSPcyc
+ 2 × tTcyc
—
1.62 V or above
tSPcyc + 2 × tTcyc
8 × tSPcyc
+ 2 × tTcyc
Slave
—
3.00 V or above
tTcyc
—
ns
—
2.70 V or above
tTcyc
—
—
1.62 V or above
tTcyc
—
MOSI and
MISO rise
and fall time
Output
—
3.00 V or above
tDr, tDf
—
1.66
ns
—
2.70 V or above
—
3.30
—
1.62V or above
—
6.60
Input
—
3.00 V or above
—
1.0
μs
—
2.70 V or above
—
1.0
—
1.62 V or above
—
1.0
SSL rise and
fall time
Output
—
3.00- V or above tSSLr,
tSSLf
—
1.66
ns
—
2.70 V or above
—
3.30
—
1.62 V or above
—
6.60
Input
—
3.00 V or above
—
1.0
μs
—
2.70 V or above
—
1.0
—
1.62 V or above
—
1.0
Slave access
time
Slave
—
3.00 V or above
tSA
—
20.0
ns
Figure 2.79,
Figure 2.80
—
2.70 V or above
—
20.0
—
1.62 V or above
—
25.0
Slave output
release time
Slave
—
3.00 V or above
tREL
—
20.0
ns
—
2.70 V or above
—
20.0
—
1.62 V or above
—
25.0
Note:
tTcyc: TCLK cycle.
Note 1. Must use pins that have a letter appended to their name, for instance _A, _B, to indicate group membership. SPI0 and SPI1 are
instance _B.
Note 2. All pins of group membership can be used.
Note 3. 1 µs at the longest
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 168 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com