công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECHC bảng dữ liệu(PDF) 157 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC bảng dữ liệu(HTML) 157 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 153Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 154Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 155Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 156Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 157Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 158Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 159Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 160Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 295 page
background image
Table 2.60
SCI timing (Simple SPI) (2 of 3)
Condition 1: VCC/VCC2 = 2.70 V or above
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If SCI pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC = VCC2.
Condition 2: VCC/VCC2 = 1.62 V or above
Following pins have high-speed high-drive output selected in the Port Drive Capability bit in the PmnPFS register: SCK1_A, SCK1_C,
SCK3_A, SCK4_A, SCK4_B, SCK4_C and SCK6_B
Other pins have high drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If SCI pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC=VCC2.
Parameter
High
Speed/
Default
VCC/VCC2
Symbol
Min
Max
Unit
Note
Data input setup
time
Master
High
Speed*1
2.70 V or above
tSU
-1.5
—
ns
Figure 2.70,
Figure 2.71
1.62 V or above
-1.5
—
Default*2
2.70 V or above
2.0
—
1.62 V or above
2.0
—
Slave
Default*2
2.70 V or above
2.5
—
1.62 V or above
4.5
—
Data input hold
time
Master
High
Speed*1
2.70 V or above
tH
7.5
—
ns
1.62 V or above
9.5
—
Default*2
2.70 V or above
7.5
—
1.62 V or above
9.5
—
Slave
Default*2
2.70 V or above
2.5
—
1.62 V or above
4.5
—
Data output delay
Master
High
Speed*1
2.70 V or above
tOD
—
3.0
ns
1.62 V or above
—
4.5
Default*2
2.70 V or above
—
3.5
1.62V or above
—
5.5
Slave
High
Speed*1
2.70 V or above
—
12.5
1.62 V or above
—
20.5
Default*2
2.70 V or above
—
18.5
1.62 V or above
—
26.5
Data output hold
time
Master
High
Speed*1
2.70 V or above
tOH
−3.0
—
ns
1.62 V or above
−4.5
—
Default*2
2.70 V or above
−3.5
—
1.62 V or above
−5.5
—
Slave
Default*2
2.70 V or above
0.0
—
1.62 V or above
0.0
—
Data rise and fall
time
Output
—
2.70 V or above
tDr, tDf
—
3.3
ns
1.62 V or above
—
6.6
Input
—
2.70 V or above
—
1
1.62 V or above
—
1
SS input setup time
—
1.62 V or above
tLEAD
1.0
—
tSPcyc Figure 2.72,
Figure 2.73
SS input hold time
—
1.62 V or above
tLAG
1.0
—
tSPcyc
SS input rise and fall time
—
1.62 V or above
tSSLr, tSSLf
—
1
µs
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 157 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com