công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7KA8M2ADECHC bảng dữ liệu(PDF) 148 Page - Renesas Technology Corp

tên linh kiện R7KA8M2ADECHC
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECHC bảng dữ liệu(HTML) 148 Page - Renesas Technology Corp

Back Button R7KA8M2ADECHC Datasheet HTML 144Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 145Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 146Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 147Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 148Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 149Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 150Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 151Page - Renesas Technology Corp R7KA8M2ADECHC Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 295 page
background image
Table 2.57
I/O ports, POEG, GPT, AGT, ULPT and ADC trigger timing (3 of 4)
GPT32 Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If GPT pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC = VCC2.
AGT Conditions:
Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
GPT
Input capture pulse width (Cycle)
Single edge
tGTICW*1
1.5
—
tPDcyc
Figure 2.61
Dual edge
2.5
—
Input capture pulse width (Times)
2.70 V or
above
tGTICW*1
8.3
—
ns
1.62 V or
above
10.0
—
GTIOCxY output skew
(x = 0 to 3, Y = A or B)
Middle drive
output
2.70 V or
above
tGTISK
—
4
ns
Figure 2.62
1.62 V or
above
—
6
High drive
output
2.70 V or
above
3.5
1.62 V or
above
4.5
GTIOCxY output skew
(x = 4 to 13, Y = A or B)
Middle drive
output
2.70 V or
above
—
4
1.62 V or
above
—
6
High drive
output
2.70 V or
above
—
3.5
1.62 V or
above
—
4.5
GTIOCxY output skew
(x = 0 to 13, Y = A or B)
Middle drive
output
2.70 V or
above
—
6
1.62 V or
above
—
7
High drive
output
2.70 V or
above
—
3.5
1.62 V or
above
—
5
OPS output skew
GTOUUP, GTOULO,
GTOVUP, GTOVLO,
GTOWUP, GTOWLO
Middle drive
output
2.70 V or
above
tGTOSK
—
5
ns
Figure 2.63
1.62 V or
above
—
6
GPT (PWM
Delay
Generation
Circuit)
GTIOCxY output skew
(x = 0 to 3, Y = A or B)
Middle drive
output
2.70 V or
above
tHRSK
—
4
ns
Figure 2.64
1.62 V or
above
—
6
High drive
output
2.70 V or
above
—
3.5
1.62 V or
above
—
5
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 148 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com