| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647_0804 bảng dữ liệu(PDF) 142 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647_0804 bảng dữ liệu(HTML) 142 Page - Texas Instruments |
|
142 / 182 page ![]() 15 16 3 2 4 1 38 13 7 6 HCS (input) HAS (input) HSTROBE(A) (input) HR/W (input) HRDY(B) (output) HD[31:0](output) HCNTL[1:0](input) 37 TMS320DM647/TMS320DM648 Digital Media Processor SPRS372B – MAY 2007 – REVISED APRIL 2008 www.ti.com A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT (HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-45. HPI32 Read Timing (HAS Not Used, Tied High) 142 Peripheral Information and Electrical Specifications Submit Documentation Feedback |