| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM261...ZEJ bảng dữ liệu(PDF) 134 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ bảng dữ liệu(HTML) 134 Page - Texas Instruments |
|
134 / 218 page ![]() For burst read: N = (RdCycleTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14) For burst write: N = (WrCycleTime + (n - 1) × PageBurstAccessTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14) (13) In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. (14) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns. (15) 100MHz GPMC_FCLK selected - CTRLMMR_GPMC_CLKSEL[0] CLK_SEL = 1 = MAIN_PLL2_HSDIV7_CLKOUT (100/60 MHz) GPMC_FCLK GPMC_CLK GPMC_CSn[i] GPMC_A[MSB:1] GPMC_BE0n_CLE GPMC_BE1n GPMC_ADVn_ALE GPMC_OEn_REn GPMC_AD[15:0] GPMC_WAIT[j] Valid Address Valid Valid Data IN 0 Data IN 0 FA0 FA9 FA10 FA3 FA1 FA4 FA12 FA13 FA0 FA10 FA5 GPMC_06 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0 or 1. B. FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data will be internally sampled by active functional clock edge. FA5 value must be stored inside AccessTime register bits field. C. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. Figure 6-31. GPMC and NOR Flash — Asynchronous Read — Single Word AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 134 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |