công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2431BSDGHIALVR. bảng dữ liệu(PDF) 258 Page - Texas Instruments

tên linh kiện AM2431BSDGHIALVR.
Giải thích chi tiết về linh kiện  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. bảng dữ liệu(HTML) 258 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 254Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 255Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 256Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 257Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 258Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 259Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 260Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 261Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 282 page
background image
8.3 Clock Routing Guidelines
8.3.1 Oscillator Routing
When designing the printed-circuit board:
• Place all crystal circuit components as close as possible to the respective device pins.
• Route the crystal circuit traces on the outer layer of the PCB and minimize trace lengths to reduce parasitic
capacitance and minimize crosstalk from other signals.
• Place a continuous ground plane on the adjacent layer of the PCB such that it is under all crystal circuit
components and crystal circuit traces.
• Route a ground guard around the crystal circuit components to shield it from any adjacent signals routed on
the same layer as the crystal circuit traces. Insert multiple vias to stitch down the ground guard such that it
does not have any unterminated stubs.
• Route a ground guard between the MCU_OSC0_XI and MCU_OSC0_XO signals to shield the
MCU_OSC0_XI signal from the MCU_OSC0_X0 signal. Insert multiple vias to stitch down the ground guard
such that it does not have any unterminated stubs.
• Connect all crystal circuit ground connections and ground guard connections directly to the adjacent layer
ground plane, and the device VSS ground plane if they are implemented separately on different layers of the
PCB.
Note
Implementing a ground guard between the MCU_OSC0_XI and MCU_OSC0_XO signals is critical
to minimize shunt capacitance between the two signals. Routing these two signals adjacent to each
other without a ground guard between them will effectively reduce the gain of the oscillator amplifier,
which reduces its ability to start oscillation.
Device
MCU_OSC0_XI
MCU_OSC0_XO
GND vias
GND guard
GND vias
GND plane
Figure 8-7. MCU_OSC0 PCB requirements
8.3.2 Oscillator Ground Connection
Refer to Section 6.11.4.1.1 for the Oscillator Ground Connection diagram.
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
258
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com