công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2431BSDGHIALVR. bảng dữ liệu(PDF) 220 Page - Texas Instruments

tên linh kiện AM2431BSDGHIALVR.
Giải thích chi tiết về linh kiện  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. bảng dữ liệu(HTML) 220 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 216Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 217Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 218Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 219Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 220Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 221Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 222Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 223Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 282 page
background image
Table 6-116. PRU_ICSSG PRU Switching Characteristics – Shift Out Mode
see Figure 6-94
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRSO1
tc(CLOCKOUT)
Cycle time, CLOCKOUT
10
ns
PRSO2L
tw(CLOCKOUTL)
Pulse duration, CLOCKOUT low
0.475P(1)Z(2) -
0.3
ns
PRSO2H
tw(CLOCKOUTH)
Pulse duration, CLOCKOUT high
0.475P(1)Y(3) -
0.3
ns
PRSO3
td(CLOCKOUT-DATAOUT) Delay time, CLOCKOUT to DATAOUT valid
-1
4
ns
(1)
P = Software programmable shift out clock period, defined by PRUn_GPO_DIV0 and PRUn_GPO_DIV1 bit fields in the
ICSSG_GPCFGn_REG register, where PRUn represents the respective PRU0 or PRU1 instance.
(2)
The Z parameter is defined as follows, where PRUn represents the respective PRU0 or PRU1 instance.
a.
If PRUn_GPI_DIV0 and PRUn_GPI_DIV1 are INTEGERS -or- if PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is
an EVEN INTEGER then, Z equals (PRUn_GPI_DIV0 * PRUn_GPI_DIV1).
b.
If PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is an ODD INTEGER then, Z equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 + 0.5).
c.
If PRUn_GPI_DIV0 is an INTEGER and PRUn_GPI_DIV1 is a NON-INTEGER then, Z equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 + 0.5 * PRUn_GPI_DIV0).
d.
If PRUn_GPI_DIV0 and PRUn_GPI_DIV1 are NON-INTEGERS then, Z equals (PRUn_GPI_DIV0 * PRUn_GPI_DIV1 + 0.25 *
PRUn_GPI_DIV0).
(3)
The Y parameter is defined as follows, where PRUn represents the respective PRU0 or PRU1 instance.
a.
If PRUn_GPI_DIV0 and PRUn_GPI_DIV1 are INTEGERS -or- if PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is
an EVEN INTEGER then, Y equals (PRUn_GPI_DIV0 * PRUn_GPI_DIV1).
b.
If PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is an ODD INTEGER then, Y equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 - 0.5).
c.
If PRUn_GPI_DIV0 is an INTEGER and PRUn_GPI_DIV1 is a NON-INTEGER then, Y equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 - 0.5 * PRUn_GPI_DIV0).
d.
If PRUn_GPI_DIV0 and PRUn_GPI_DIV1 are NON-INTEGERS then, Y1 equals (PRUn_GPI_DIV0 * PRUn_GPI_DIV1 - 0.25 *
PRUn_GPI_DIV0) and Y2 equals (PRUn_GPI_DIV0 * PRUn_GPI_DIV1 + 0.25 * PRUn_GPI_DIV0), where Y1 is the first high
pulse and Y2 is the second high pulse.
CLOCKOUT
DATAOUT
PRSO1
PRSO2H
PRSO3
PRU_TIMING_06
PRSO2L
Figure 6-94. PRU_ICSSG PRU Shift Out Timing
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
220
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com