| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM261...ZCZ bảng dữ liệu(PDF) 101 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ bảng dữ liệu(HTML) 101 Page - Texas Instruments |
|
101 / 218 page ![]() 6.10.4 ZNC Package Thermal Characteristics It is recommended to perform thermal simulations at the system level with the worst-case device power consumption. PARAMETER DESCRIPTION ℃/W(1) (2) AIR FLOW (m/s) (3) RΘJC Junction-to-case 8.3 N/A RΘJB Junction-to-board 5.8 N/A RΘJA Junction-to-free air 21.9 0 RΘJA Junction-to-moving air 15.5 1 14.3 2 13.5 3 ΨJT Junction-to-package top 0.15 0 0.44 1 0.58 2 0.69 3 ΨJB Junction-to-board 5.8 0 5.4 1 5.4 2 5.3 3 (1) These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these EIA/JEDEC standards: • JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air) • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-9, Test Boards for Area Array Surface Mount Packages (2) ℃/W = degrees Celsius per watt (3) m/s = meters per second www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 101 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |