| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC39RF10 bảng dữ liệu(PDF) 125 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC39RF10 bảng dữ liệu(HTML) 125 Page - Texas Instruments |
|
125 / 232 page ![]() Table 7-22. JESD Interface Modes JMODE Encoding Max Input Sample Rate per Stream (MSPS) MAX Serdes Baud Rate (Gbps) R = FBIT/ FCLK N Mx = Max # Streams Ls = Lanes/ Stream Lx = Max # Lanes LT = Interpolation JESD Format KR MIN MAX F S HD SI 0 8b/10b 10240 12.8 1.25 16 1 16 16 1 1 2 16 0 1 32, 64, 128 64b/66b 10400 10.725 1.03125 1 8b/10b 5120 12.8 2.5/LT 16 2 8 16 1 8 2 8 0 1 32, 64, 128 64b/66b 6206.1 12.8 2.0625/LT 2 8b/10b 2560 12.8 5/LT 16 4 4 16 1 16 2 4 0 1 32, 64, 128 64b/66b 3103.0 12.8 4.125/LT 3 8b/10b 1280 12.8 10/LT 16 8 2 16 2 32 2 2 0 1 32, 64, 128 64b/66b 1551.5 12.8 8.25/LT 4 8b/10b 640 12.8 20/LT 16 8 1 8 4 64 2 1 0 1 32, 64, 128 64b/66b 775.8 12.8 16.5/LT 5 8b/10b 320 12.8 40/LT 16 8 ½ 4 8 128 4 1 0 1 16,32,64 64b/66b 387.9 12.8 33/LT 6 8b/10b 160 12.8 80/LT 16 8 ¼ 2 16 256 8 1 0 1 8,16,32 64b/66b 193.9 12.8 66/LT 7 8b/10b 80 12.8 160/LT 16 8 ⅛ 1 32 256 16 1 0 1 4,8,16 64b/66b 97.0 12.8 132/LT 8 8b/10b 12800 12.8 1/LT 12 1 16 16 0.5 1 8 80 0 16 8,16,32 64b/66b 15515.2 12.8 0.825/LT 9 8b/10b 9600 12.8 1.25 12 1 12 12 1 1 2 16 1 1 32,64, 128 64b/66b 10400 10.725 1.03125 10 8b/10b 6400 12.8 2 12 2 8 16 1 1 8 40 0 8 8,16,32 64b/66b 7757.6 12.8 1.65 11 8b/10b 4800 12.8 2.5 12 2 6 12 1 1 2 8 1 1 32,64, 128 64b/66b 6206.1 12.8 2.0625 12 8b/10b 3200 12.8 4 12 2 4 8 1 1 8 20 0 4 8,16,32 64b/66b 3878.8 12.8 3.3 13 8b/10b 2400 12.8 5 12 2 3 6 1 1 2 4 1 1 32,64, 128 64b/66b 3103.0 12.8 4.125 14 8b/10b 20480 12.8 0.625/LT 8 1 16 16 0.5 1 1 16 0 1 32,64, 128,256 64b/66b 20800 10.725 0.515625/LT 15 8b/10b 10240 12.8 1.25 8 2 8 16 1 1 1 8 0 1 32,64, 128,256 64b/66b 10400 10.725 1.03125 16 8b/10b 5120 12.8 2.5 8 2 4 8 1 1 1 4 0 1 32,64, 128,256 64b/66b 6206.1 12.8 2.0625 1. At minimum interpolation rate 7.4.2.2 JESD204C Format Diagrams The following sub-sections depict each output format, showing how samples and tail bits are mapped to the lanes. Any lanes that are not shown in the output format tables are unused. Each table depicts exactly one frame. Tail bits are discarded and ignored by the transport layer. All diagrams are with respect to the logical lane numbers which can be arbitrarily mapped to the external physical lanes using LANE_SELn. Table 7-23. Format Notation Description Notation Description T Tail bits (used for some 12-bit modes) CH0_I[n] In-Phase samples for channel 0. Can also be considered as “channel A” when the input isn’t considered to be complex data. www.ti.com DAC39RF10-SP, DAC39RF10-SEP DAC39RFS10-SP, DAC39RFS10-SEP SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 125 Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP |