| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M58PR512LE bảng dữ liệu(PDF) 121 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
M58PR512LE bảng dữ liệu(HTML) 121 Page - Numonyx B.V |
|
121 / 123 page ![]() M58PR512LE, M58PR001LE Command interface state tables 121/123 6 BEFP aborts when the block address is different from the first block address and data are FFFFh. 7 BEFP Exit when block address is different from first block address and data are FFFFh. 8 During BP setup, while entering the number of words to be programmed and filling the buffer, the read status of the partition does not change. 9 The BP confirm command changes the read status of the partition to Status Read. 10 Illegal commands are commands not defined in the command set. |