| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPF0900AVSA2ES bảng dữ liệu(PDF) 118 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AVSA2ES bảng dữ liệu(HTML) 118 Page - NXP Semiconductors |
|
118 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring NXP provides a complete solution to achieve full system power management with low-power support utilizing the PF5x family of devices to supply the high-power external core supply. The following waveforms provide the two possible scenarios when the LDOx is operating in bypass mode. Scenario #1: the output voltage in RUN and STANDBY is constant; no voltage scaling is required. aaa-056071 Safe region 0.8 V Hi-Z PFM [MCU] VDD_SOC STANDBY STATE + SEQ [PF5x] VSW 0.8 V 0.8 V 0.8 V 0.8 V [PF09] VLDO3 [PF5x] PWRON [PF09] LDO3_EN [PF09] STANDBY Figure 27. LDOx Bypass mode RUN to STANDBY transition without voltage scaling Scenario #2 The output voltage in RUN and STANDBY is lower to achieve the lowest power consumption in the system. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 118 / 205 |