| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD34-24-18SN-059 bảng dữ liệu(PDF) 152 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD34-24-18SN-059 bảng dữ liệu(HTML) 152 Page - TE Connectivity Ltd |
|
152 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 152 DEUTSCH MODIFICATION LIST MOD # SERIES DESCRIPTION CE11 DT Plug with reduced diameter seals (E seal), enhanced seal retention (P012), end cap, black CE12 DT Plug with reduced diameter seals (E seal), enhanced seal retention (P012), shrink boot adapter, black CE13 DT Plug with reduced diameter seals (E seal), enhanced seal retention (P012), shrink boot adapter CE14 DT Plug with reduced diameter seals (E seal), enhanced seal retention (P012), latch guard end cap, black CE27 DT Plug with reduced diameter seals (E seal), enhanced seal retention (P012), for use with integrated LED wedgelock, end cap, transparent PEI CE28 DT Plug with reduced diameter seals (E seal), enhanced seal retention (P012), for use with integrated LED wedgelock, transparent PEI CL CL01 HD30 Cavities blocked (J, Q, R, S, X), adapter for cable clamp (072) CL03 DT Reduced diameter seals (E seal), welded flange CL06 DT Reduced diameter seals (E seal), welded flange, black CL07 DT Reduced diameter seals (E seal), sealed flange, shrink boot adapter CL08 DT Reduced diameter seals (E seal), welded flange, end cap, disabled latch CL09 DT Reduced diameter seals (E seal), sealed flange, end cap, black CL15 DT Reduced diameter seals (E seal), welded flange, black CL20 HDP20 Plug with diagnostic keying CL22 HDP20 Receptacle with diagnostic keying CG CG01 DRC 5 mm threaded insert with silver plating, molded-in contacts, outside rows gold CP CP01 DT All cavities plugged, enhanced seal retention (P012), end cap E E003 DT, DTHD, DTM, DTP End cap E004 DT, DTM, DTP, HD10 Black E005 DT, DTM, DTP Black, end cap |