| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD36-18-14SN-059 bảng dữ liệu(PDF) 154 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-18-14SN-059 bảng dữ liệu(HTML) 154 Page - TE Connectivity Ltd |
|
154 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 154 DEUTSCH MODIFICATION LIST MOD # SERIES DESCRIPTION EP20 DT Plug with enhanced seal retention (P012), shrink boot adapter F F001 HDN Inserts within connector made of PEI G G001 DRC Gold plated pins G002 DRC Outside rows of pins are gold plated and rest are tin plated G003 DT13/15, DTM13/15 Gold plated pins G004 DRC Interface side pins are nickel plated, PCB side pins are tin plated G005 DRCP Tin plated signal pins, tin plated power pins GC GC03 DRCP Gold plated signal pins, depopulated power pins GC05 DRCP Tin plated signal pins, depopulated power pins GR GR01 DTM13 (EEC headers) Snap-in DTM PCB mounted header for DTM EEC enclosure, 12 and 24 pins, gold plated pins H H001 HD30 Plated with yellow chromate conversion HL HL01 HD30 Dust cap plated with yellow chromate conversion, sash chain with eyelet for #10 screw HL02 HD30 Adapter for cable clamp (-072) plated with yellow chromate conversion J J001 HD30 Reverse cavity marking identification on grommet J059 HD30 Reverse cavity marking identification on grommet, cable clamp (-059) |