| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L433CBY3P bảng dữ liệu(PDF) 225 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBY3P bảng dữ liệu(HTML) 225 Page - STMicroelectronics |
|
225 / 227 page ![]() DS11449 Rev 7 225/227 STM32L433xx Revision history 226 21-May-2018 5 Updated DAC terminology in all the document for clarification: single DAC instance (= DAC1) with 2 output channels. Added ECOPACK2® information in Features. Updated Section 3.9.1: Power supply schemes. Added Figure 3: Power-up/down sequence. Updated Clock-out capability in Section 3.11: Clocks and startup. Updated Figure 4: Clock tree. Updated Section 3.14.1: Nested vectored interrupt controller (NVIC). Updated Section 6.3.2: Operating conditions at power- up / power-down. Updated ACoeff in Table 25: Embedded internal voltage reference. Updated Table 70: I/O static characteristics. Added Section 6.3.16: Extended interrupt and event controller input (EXTI) characteristics. 21-May-2021 6 Added patented technology disclaimer on cover page. Completed information of cover page package silhouettes. Updated reference manual title in Section 1: Introduction. Added errata sheet reference in Section 1: Introduction. Updated Section 3.7: Boot modes. Updated master versus slave SPI throughput in Section 3.28: Serial peripheral interface (SPI). Added Note after Table 14: Legend/abbreviations used in the pinout table. Updated ∆VDD(MSI) max (Range 8 to 11) in Table 60: MSI oscillator characteristics. Added Note in Section 6.3.14: I/O port characteristics. Added paragraph about PC13, PC14 and PC15 limitation to 3 ma in Section : Output driving current and updated Table 71: Output voltage characteristics accordingly. Added Vhys min and max values in Table 85: COMP characteristics. Updated R value in Table 88: VBAT monitoring characteristics. Updated Figure 38: Quad SPI timing diagram - DDR mode. Added tSTARTUP in Table 101: USB electrical characteristics. Multiple updates through all Section 4: Pinouts and pin description including tables and figures. Table 117. Document revision history (continued) Date Revision Changes |