| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L433CBT6P bảng dữ liệu(PDF) 215 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433CBT6P bảng dữ liệu(HTML) 215 Page - STMicroelectronics |
|
215 / 227 page ![]() DS11449 Rev 7 215/227 STM32L433xx Package information 219 7.9 UFQFPN48 package information This UFQFPN is a 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package Figure 59. UFQFPN48 - Outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN48 package. It is recommended to connect and solder this back-side pad to PCB ground. A0B9_UFQFPN48_ME_V3 D Pin 1 identifier laser marking area EE D Y D2 E2 Exposed pad area Z 1 48 Detail Z R 0.125 typ. 1 48 L C 0.500x45° pin1 corner A Seating plane A1 b e ddd Detail Y T |