công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSF0108 bảng dữ liệu(PDF) 162 Page - Nexperia B.V. All rights reserved

tên linh kiện LSF0108
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 bảng dữ liệu(HTML) 162 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 158Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 159Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 160Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 161Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 162Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 163Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 164Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 165Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 166Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 234 page
background image
Control analog & logic ICs
EXCLUSIVE-NOR Gates
EXCLUSIVE-OR Gates
NAND Gates
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (typ) (pF)
f
max (MHz)
T
amb (°C)
74AUP1T87
Single supply 2-input translating EXCLUSIVE-
NOR gate
2.3 - 3.6
CMOS
±4
3.9
15
70
-40 to 125
74LV1T87
Single supply 2-input translating EXCLUSIVE-
NOR gate
1.6 - 5.5
CMOS
±8
15.8
15
60
-40 to 125
HEF4077
Quad 2-input EXCLUSIVE-NOR gate
3.0 - 15
CMOS
±2.4
30
50
10
-40 to 85
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (typ) (pF)
f
max
(MHz)
Number
of bits
T
amb (°C)
74AHC1G86
2-input EXCLUSIVE-OR gate
2.0 - 5.5
CMOS
±8
3.4
50
60
1
-40 to 125
74AHCT1G86
2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.5
50
60
1
-40 to 125
74AHC86
Quad 2-input EXCLUSIVE-OR gate
2.0 - 5.5
CMOS
±8
3.4
50
60
4
-40 to 125
74AHCT86
Quad 2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.4
50
60
4
-40 to 125
74AUP1G386
Single 3-input EXCLUSIVE-OR gate
1.1 - 3.6
CMOS
±1.9
8.6
30
70
1
-40 to 125
74AUP1G86
Single 2-input Exclusive-OR gate
1.1 - 3.6
CMOS
±1.9
9.0
30
70
1
-40 to 125
74AUP1T86
Single supply 2-input translating EXCLUSIVE-
OR gate
2.3 - 3.6
CMOS
±1.9
3.8
15
70
1
-40 to 125
74AUP2G86
Dual 2-input EXCLUSIVE-OR gate
1.1 - 3.6
CMOS
±1.9
9.0
30
70
2
-40 to 125
74AXP1G86
Single 2-input Exclusive-OR gates
0.7 - 2.75
CMOS
±4.5
4.5
5
70
1
-40 to 85
74HC1G86
Single 2-input EXCLUSIVE-OR gate
2.0 - 6.0
CMOS
±2.6
9.0
50
36
1
-40 to 125
74HCT1G86
Single 2-input EXCLUSIVE-OR gate;
TTL-enabled
4.5 - 5.5
TTL
±2.0
10
50
36
1
-40 to 125
74HC2G86
Dual 2-input EXCLUSIVE-OR gate
2.0 - 6.0
CMOS
±5.2
9.0
50
36
2
-40 to 125
74HCT2G86
Dual 2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
TTL
±4.0
11
50
36
2
-40 to 125
74HC86
Quad 2-input EXCLUSIVE-OR gate
2.0 - 6.0
CMOS
±5.2
11
50
36
4
-40 to 125
74HCT86
Quad 2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
TTL
±4
14
50
36
4
-40 to 125
74LV1T86
Single supply 2-input translating EXCLUSIVE-
OR gate
1.6 - 5.5
CMOS
±8
13.3
15
60
1
-40 to 125
74LVC1G386
Single 3-Input EXCLUSIVE-OR gate
1.65 - 5.5
CMOS/
LVTTL
±32
4.5
50
150
1
-40 to 125
74LVC1G86
Single 2-input EXCLUSIVE-OR gate
1.65 - 5.5
CMOS/
LVTTL
±32
2.4
50
150
1
-40 to 125
74LVC2G86
Dual 2-input EXCLUSIVE-OR gate
1.65 - 5.5
CMOS/
LVTTL
±32
2.3
50
150
2
-40 to 125
74LVC86
Quad 2-input EXCLUSIVE-OR gate
1.2 - 3.6
CMOS/
LVTTL
±24
3.0
50
150
4
-40 to 125
HEF4030B
Quad 2-input EXCLUSIVE-OR gate
3.0 - 15
CMOS
±2.4
30
50
10
4
-40 to 85
HEF4070B
Quad 2-input EXCLUSIVE-OR gate
3.0 - 15
CMOS
±2.4
30
50
10
4
-40 to 85
XC7SET86
2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.5
50
60
1
-40 to 125
XC7SH86
2-input EXCLUSIVE-OR gate
2.0 - 5.5
CMOS
±8
3.4
50
60
1
-40 to 125
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output Load
C
L (typ) (pF)
f
max
(MHz)
Number
of bits
T
amb (°C)
74ABT00
Quad 2-input NAND gate
4.5 - 5.5
TTL
-15 / 20
2.5
50
100
4
-40 to 85
74ABT20
Dual 4-input NAND gate
4.5 - 5.5
TTL
-15 / 20
2.7
50
100
2
-40 to 85
74AHC00
Quad 2-input NAND gate
2.0 - 5.5
CMOS
±8
3.2
50
60
4
-40 to 125
74AHC132
Quad 2-input NAND gate Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.3
50
60
4
-40 to 125
74AHC1G00
Single 2-input NAND gate
2.0 - 5.5
CMOS
±8
3.5
50
60
1
-40 to 125
74AHC2G00
Dual 2-input NAND gate
2.0 - 5.5
CMOS
±8
3.5
50
60
2
-40 to 125
74AHCT00
Quad 2-input NAND gate; TTL-enabled
4.5 - 5.5
TTL
±8
3.3
50
60
4
-40 to 125
74AHCT132
Quad 2-input NAND gate Schmitt-trigger;
TTL-enabled
4.5 - 5.5
TTL
±8
3.5
50
60
4
-40 to 125
Nexperia selection guide 2020
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com