công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSF0108 bảng dữ liệu(PDF) 154 Page - Nexperia B.V. All rights reserved

tên linh kiện LSF0108
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 bảng dữ liệu(HTML) 154 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 153Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 154Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 155Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 156Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 157Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 158Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 234 page
background image
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
Number
of bits
T
amb (°C)
74AHC373
Octal D-type transparent latch (3-state)
2.0 - 5.5
CMOS
±8
4.3
50
8
-40 to 125
74AHC573
Octal D-type transparent latch (3-state)
2.0 - 5.5
CMOS
±8
4.2
50
8
-40 to 125
74AHCT573
Octal D-type transparent latch; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
3.9
50
8
-40 to 125
74ALVC162334A
16-bit registered driver with 30 Ω termination
resistors (3-state)
1.65 - 3.6
TTL
±24
6.0
50
16
-40 to 85
74ALVC162834A
18-bit registered driver with 30 Ω termination
resistors (3-state)
1.65 - 3.6
TTL
±24
6.0
50
18
-40 to 85
74ALVC162835A
18-bit registered driver with 30 Ω termination
resistors (3-state)
1.65 - 3.6
TTL
±24
6.0
50
18
-40 to 85
74ALVC162836A
20-bit registered driver with 30 Ω termination
resistors (3-state)
1.65 - 3.6
TTL
±24
6.0
50
20
-40 to 85
74ALVC16834A
18-bit registered driver (3-state)
1.65 - 3.6
TTL
±24
4.0
50
18
-40 to 85
74ALVC16835A
18-bit registered driver (3-state)
1.65 - 3.6
TTL
±24
4.0
50
18
-40 to 85
74ALVC16836A
20-bit registered driver (3-state)
1.65 - 3.6
TTL
±24
4.0
50
20
-40 to 85
74ALVC373
Octal D-type transparent latch (3-state)
1.65 - 3.6
TTL
±24
2.2
50
8
-40 to 85
74ALVC573
Octal D-type transparent latch (3-state)
1.65 - 3.6
TTL
±24
2.2
50
8
-40 to 85
74ALVCH16373
16-bit D-type transparent latch with bus hold
(3-state)
2.3 - 3.6
TTL
±24
2.1
50
16
-40 to 85
74ALVCH16841
20-bit D-type transparent latch with bus hold
(3-state)
2.3 - 3.6
TTL
±24
2.4
50
20
-40 to 85
74ALVCH16843
18-bit D-type transparent latch with bus hold
(3-state)
2.3 - 3.6
TTL
±24
2.1
50
18
-40 to 85
74ALVCH32973
16-bit transceiver and transparent D-type latch with
8 independent buffers
1.8 - 3.6
TTL
±24
2.5
50
16
-40 to 85
74ALVT16373
16-bit D-type transparent latch with bus hold
(3-state)
2.3 - 3.6
TTL
-32 / 64
1.8
50
16
-40 to 85
74AUP1G373
Single D-type transparent latch (3-state)
1.1 - 3.6
CMOS
±1.9
8.5
30
1
-40 to 125
74AVC16334A
16-bit registered driver (3-state)
1.2 - 3.6
CMOS
±12
2.0
30
16
-40 to 85
74AVC16373
16-bit D-type transparent latch (3-state)
1.2 - 3.6
CMOS
±12
2.0
30
16
-40 to 85
74AVC16834A
18-bit registered driver (3-state)
1.2 - 3.6
CMOS
±12
2.0
30
18
-40 to 85
74AVC16835A
18-bit registered driver (3-state)
1.2 - 3.6
CMOS
±12
2.0
30
18
-40 to 85
74AVC16836A
20-bit registered driver (3-state)
1.2 - 3.6
CMOS
±12
2.0
30
20
-40 to 85
74HC259
8-bit addressable latch
2.0 - 6.0
CMOS
±5.2
18
50
8
-40 to 125
74HC373
Octal D-type transparent latch (3-state)
2.0 - 6.0
CMOS
±7.8
12
50
8
-40 to 125
74HC573
Octal D-type transparent latch (3-state)
2.0 - 6.0
CMOS
±7.8
14
50
8
-40 to 125
74HC75
Quad bistable transparent latch
2.0 - 6.0
CMOS
±5.2
11
50
4
-40 to 125
74HCT259
8-bit addressable latch; TTL-enabled
4.5 - 5.5
TTL
±4
20
50
8
-40 to 125
74HCT373
Octal D-type transparent latch; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
14
50
8
-40 to 125
74HCT573
Octal D-type transparent latch; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
17
50
8
-40 to 125
74LVC162373A
16-bit D-type transparent latch with 30 Ω
termination resistors (3-state)
1.2 - 3.6
CMOS/LVTTL
±12
3.2
50
16
-40 to 125
74LVC16373A
16-bit D-type transparent latch (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.0
50
16
-40 to 125
74LVC373A
Octal D-type transparent latch (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.0
50
8
-40 to 125
74LVC573A
Octal D-type transparent latch (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.4
50
8
-40 to 125
74LVCH162373A
16-bit D-type transparent latch with bus hold and
30 Ω termination resistors (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.2
50
16
-40 to 125
74LVCH16373A
16-bit D-type transparent latch with bus hold
(3-state)
1.2 - 3.6
CMOS/LVTTL
±24
3.0
50
16
-40 to 125
74LVT162373
16-bit D-type transparent latch with bus hold and
30 Ω termination resistors (3-state)
2.7 - 3.6
TTL
±12
2.5
50
16
-40 to 85
Latches/Registered drivers
Synchronous interface analog & logic ICs
Nexperia selection guide 2020
154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com