công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSF0108 bảng dữ liệu(PDF) 118 Page - Nexperia B.V. All rights reserved

tên linh kiện LSF0108
Giải thích chi tiết về linh kiện  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 bảng dữ liệu(HTML) 118 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 114Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 115Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 116Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 117Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 118Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 119Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 120Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 121Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 122Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 234 page
background image
Automotive analog & logic ICs
Type number
Description
Features
Package (suffix)
74HC74-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger
2.0 - 6.0
± 5.2
14
-40 to 125
•
•
•
74HCT74-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 4
15
-40 to 125
•
•
•
74HC107-Q100
Dual J-K flip-flop with reset;
negative-edge trigger
2.0 - 6.0
± 5.2
16
-40 to 125
•
•
74HCT107-Q100
Dual J-K flip-flop with reset; negative-edge
trigger;
TTL-enabled
4.5 - 5.5
± 4
16
-40 to 125
•
74HC109-Q100
Dual J-K flip-flop with set and reset;
positive-edge trigger
2.0 - 6.0
± 5.2
15
-40 to 125
•
74HCT109-Q100
Dual J-K flip-flop with set and reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 4
17
-40 to 125
•
74HC174-Q100
Hex D-type flip-flop with reset;
positive-edge trigger
2.0 - 6.0
± 5.2
17
-40 to 125
•
•
74HCT174-Q100
Hex D-type flip-flop with reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 4
18
-40 to 125
•
•
74HC175-Q100
Quad D-type flip-flop with reset;
positive-edge trigger
2.0 - 6.0
± 5.2
17
-40 to 125
•
•
74HCT175-Q100
Quad D-type flip-flop with reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 4
16
-40 to 125
•
•
74HC273-Q100
Octal D-type flip-flop with reset;
positive-edge trigger
2.0 - 6.0
± 5.2
15
-40 to 125
•
•
•
74HCT273-Q100
Octal D-type flip-flop with reset;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 4
15
-40 to 125
•
•
•
74HC377-Q100
Octal D-type flip-flop with data enable;
positive-edge trigger
2.0 - 6.0
± 7.8
13
-40 to 125
•
•
74HCT377-Q100
Octal D-type flip-flop with data enable;
positive-edge trigger; TTL-enabled
4.5 - 5.5
± 6
14
-40 to 125
•
•
74HC574-Q100
Octal D-type flip-flop;
positive-edge trigger (3-state)
2.0 - 6.0
± 7.8
14
-40 to 125
•
•
74HCT574-Q100
Octal D-type flip-flop;
positive-edge trigger; TTL-enabled (3-state)
4.5 - 5.5
± 6
15
-40 to 125
•
•
74LV74-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger
1.0 - 5.5
± 12
11
-40 to 125
•
•
74LVC74A-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger
1.2 - 3.6
± 24
2.5
-40 to 125
•
•
•
74LVC273-Q100
Octal D-type flip-flop with reset;
positive-edge trigger
1.2 - 3.6
± 24
6.0
-40 to 125
•
•
•
74LVC374A-Q100
Octal D-type flip-flop;
positive-edge trigger (3-state)
1.2 - 3.6
± 24
2.7
-40 to 125
•
•
•
Flip-flops
Nexperia selection guide 2020
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com