| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY8C3465PVC-LP bảng dữ liệu(PDF) 128 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3465PVC-LP bảng dữ liệu(HTML) 128 Page - Infineon Technologies AG |
|
128 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 127 of 139 PSoC® 5LP: CY8C58LP Family Datasheet 12. Ordering Information In addition to the features listed in Table 12-1, every CY8C58LP device includes: up to 256 KB flash, 64 KB SRAM, 2 KB EEPROM, a precision on-chip voltage reference, precision oscillators, flash, ECC, DMA, a fixed function I2C, JTAG/SWD programming and debug, external memory interface, boost, and more. In addition to these features, the flexible UDBs and analog subsection support a wide range of peripherals. To assist you in selecting the ideal part, PSoC Creator makes a part recommendation after you choose the components required by your application. All CY8C58LP derivatives incorporate device and flash security in user-selectable security levels; see the TRM for details . Notes 106.Analog blocks support a wide variety of functionality including TIA, PGA, and mixers. See Example Peripherals on page 40 for more information on how analog blocks can be used. 107.UDBs support a wide variety of functionality including SPI, LIN, UART, timer, counter, PWM, PRS, and others. Individual functions may use a fraction of a UDB or multiple UDBs. Multiple functions can share a single UDB. See Example Peripherals on page 40 for more information on how UDBs can be used. 108.The I/O Count includes all types of digital I/O: GPIO, SIO, and the two USB I/O. See “I/O System and Routing” section on page 33 for details on the functionality of each of these types of I/O. 109.The JTAG ID has three major fields. The most significant nibble (left digit) is the version, followed by a 2 byte part number and a 3 nibble manufacturer ID. Table 12-1. CY8C58LP Family with Arm Cortex-M3 CPU Part Number MCU Core Analog Digital I/O[108] Package JTAG ID[109] CY8C5868AXI-LP031 67 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 – – 70 62 8 0 100-TQFP 0x2E11F069 CY8C5868AXI-LP032 67 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ – 72 62 8 2 100-TQFP 0x2E120069 CY8C5868AXI-LP035 67 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 72 62 8 2 100-TQFP 0x2E123069 CY8C5868LTI-LP036 67 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 – – 46 38 8 0 68-QFN 0x2E124069 CY8C5868LTI-LP038 67 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ – 48 38 8 2 68-QFN 0x2E126069 CY8C5868LTI-LP039 67 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 48 38 8 2 68-QFN 0x2E127069 CY8C5867AXI-LP023 67 128 32 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 – – 70 62 8 0 100-TQFP 0x2E117069 CY8C5867AXI-LP024 67 128 32 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ – 72 62 8 2 100-TQFP 0x2E118069 CY8C5867LTI-LP025 67 128 32 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 – – 46 38 8 0 68-QFN 0x2E119069 CY8C5867LTI-LP028 67 128 32 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ – 48 38 8 2 68-QFN 0x2E11C069 CY8C5866AXI-LP020 67 64 16 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 20 4 ✔ ✔ 72 62 8 2 100-TQFP 0x2E114069 CY8C5866AXI-LP021 67 64 16 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 20 4 ✔ – 72 62 8 2 100-TQFP 0x2E115069 CY8C5866LTI-LP022 67 64 16 2 ✔ 1x20-bit Del-Sig 1x12-bit SAR 4 4 4 4 ✔ ✔ 20 4 ✔ – 48 38 8 2 68-QFN 0x2E116069 CY8C5888AXI-LP096 80 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 72 62 8 2 100-TQFP 0x2E160069 CY8C5888AXQ-LP096 80 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 72 62 8 2 100-TQFP 0x2E160069 CY8C5888LTI-LP097 80 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 48 38 8 2 68-QFN 0x2E161069 CY8C5888LTQ-LP097 80 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 48 38 8 2 68-QFN 0x2E161069 CY8C5888FNI-LP210 80 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ ✔ 72 62 8 2 99-WLCSP 0x2E1D2069 CY8C5888FNI-LP214 80 256 64 2 ✔ 1x20-bit Del-Sig 2x12-bit SAR 4 4 4 4 ✔ ✔ 24 4 ✔ – 72 62 8 2 99-WLCSP 0x2E1D6069 |