| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ320 bảng dữ liệu(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ320 bảng dữ liệu(HTML) 132 Page - STMicroelectronics |
|
132 / 146 page ![]() Bit Name Description 3 FORCED_SLEEP_TSD2_V1SC Forced sleep TSD2 / V1 short-circuit Device entered forced sleep mode due to: • Thermal shutdown or • Short-circuit on V1 during startup Bit is latched until a “Read & Clear” command 2 FORCED_SLEEP_WD Forced sleep watchdog Device entered forced sleep mode due to multiple watchdog failures Bit is latched until a “Read & Clear” command 1 WDFAIL Watchdog failure Watchdog failure Bit is latched until a “Read & Clear” command 0 VPOR Power-on Reset: VSREG Power-on Reset threshold (VPOR) reached Bit is latched until a “Read & Clear” command Note: If VPOR is set after a cold startup, the device comes from a power on reset. L99DZ320 SPI Registers DS14235 - Rev 5 page 132/146 |