công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ320 bảng dữ liệu(PDF) 118 Page - STMicroelectronics

tên linh kiện L99DZ320
Giải thích chi tiết về linh kiện  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 bảng dữ liệu(HTML) 118 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 114Page - STMicroelectronics L99DZ320 Datasheet HTML 115Page - STMicroelectronics L99DZ320 Datasheet HTML 116Page - STMicroelectronics L99DZ320 Datasheet HTML 117Page - STMicroelectronics L99DZ320 Datasheet HTML 118Page - STMicroelectronics L99DZ320 Datasheet HTML 119Page - STMicroelectronics L99DZ320 Datasheet HTML 120Page - STMicroelectronics L99DZ320 Datasheet HTML 121Page - STMicroelectronics L99DZ320 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 146 page
background image
6.4.13
Control register 17 (0x3E)
Table 101. Control register 17
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
Access
R
RW
R
RW
R
RW
R
RW
Table 102. CR17 signals description
Bit
Name
Description
23:22
RESERVED
-
21
T2_ON_2
Configuration of Timer 2 ON-time
T2 Config
000 ton1 (default)
001 ton2
010 ton3
011 ton4
100 ton5
101 invalid setting; command is ignored and SPI INV CMD is set
110 invalid setting; command is ignored and SPI INV CMD is set
111 invalid setting; command is ignored and SPI INV CMD is set
Note:
When the configuration of a timer is changed, the timer is automatically restarted using the new
configuration.
20
T2_ON_1
19
T2_ON_0
18
T2_PER_2
Configuration of Timer 2 Period
T2 Period
000 T1 (default)
001 T2
010 T3
011 T4
100 T5
101 T6
110 T7
111 T8
Note:
When the configuration of a timer is changed, the timer is automatically restarted using the new
configuration.
17
T2_PER_1
16
T2_PER_0
15:14
RESERVED
-
13
T1_ON_2
Configuration of Timer 1 ON-time
T1 Config
000 ton1 (default)
001 ton2
010 ton3
12
T1_ON_1
11
T1_ON_0
L99DZ320
SPI Registers
DS14235 - Rev 5
page 118/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More