| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ320 bảng dữ liệu(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ320 bảng dữ liệu(HTML) 105 Page - STMicroelectronics |
|
105 / 146 page ![]() 6.4.5 Control register 5-9 (from CR5 to CR9, [0x32, 0x36]) Table 84. Control register 5-9 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Reset value 0 Access R RW R RW Table 85. From CR5 to CR9 signals description Bit Name Description 23:22 RESERVED - 21 PWMx_DC_9 Binary coded on duty cycle of PWM channel PWMx (x = 9, 7, 5, 3, 1) (see Table 86. Duty cycle coding for channel PWMx(y)) 20 PWMx_DC_8 19 PWMx_DC_7 18 PWMx_DC_6 17 PWMx_DC_5 16 PWMx_DC_4 15 PWMx_DC_3 Binary coded on duty cycle of PWM channel PWMx (x = 9, 7, 5, 3, 1) (see Table 86. Duty cycle coding for channel PWMx(y)) 14 PWMx_DC_2 13 PWMx_DC_1 12 PWMx_DC_0 11:10 RESERVED - 9 PWMy_DC_9 Binary coded on duty cycle of PWM channel PWMy (y = x + 1) (see Table 86. Duty cycle coding for channel PWMx(y)) 8 PWMy_DC_8 7 PWMy_DC_7 Binary coded on duty cycle of PWM channel PWMy (y = x + 1) (see Table 86. Duty cycle coding for channel PWMx(y)) 6 PWMy_DC_6 5 PWMy_DC_5 4 PWMy_DC_4 3 PWMy_DC_3 2 PWMy_DC_2 1 PWMy_DC_1 0 PWMy_DC_0 L99DZ320 SPI Registers DS14235 - Rev 5 page 105/146 |