| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA1090 bảng dữ liệu(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1090 bảng dữ liệu(HTML) 102 Page - STMicroelectronics |
|
102 / 127 page ![]() Ball list STA108x, STA109x 102/127 DS13319 Rev 2 T9 NC - - - T10 NC - - - T11 NC - - - T12 NC - - - T13 NC - - - T14 NC - - - T15 NC - - - T16 GPIO37 PU GPIO Input GPIO Input T17 GPIO36 PD GPIO Input GPIO Input T18 GPIO38 PU GPIO Input GPIO Input T19 GPIO70 Disabled ALTB Output. High. ALTB Output. High. U1 GPIO76 PU ALTB Input ALTB Input U2 JTAG_TRSTn PD Input Input U3 NC - - - U4 NC - - - U5 NC - - - U6 NC - - - U7 NC - - - U8 NC - - - U9 NC - - - U10 NC - - - U11 NC - - - U12 NC - - - U13 NC - - - U14 NC - - - U15 NC - - - U16 NC - - - U17 NC - - - U18 GPIO68 Disabled ALTB Output. Low. ALTB Output. Low. U19 GPIO69 Disabled ALTB Output. High. ALTB Output. High. V1 GPIO77 Disabled ALTB Output. Low. ALTB Output. Low. V2 GPIO78 Disabled ALTB Output. Low. ALTB Output. Low. V3 GPIO80 Disabled ALTB Output. Low. ALTB Output. Low. V4 GPIO74 Disabled ALTB Output. Low. ALTB Output. Low. Table 55. STA108x Ball list (continued) Ball Ball name Pull up/down RESET DIR (REMAP[1:0]=00,01,10) RESET DIR (REMAP[1:0]=11) |