| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151VDH7D bảng dữ liệu(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDH7D bảng dữ liệu(HTML) 116 Page - STMicroelectronics |
|
116 / 154 page ![]() Electrical characteristics STM32L151xD STM32L152xD 116/154 DocID022027 Rev 11 ODD bit value, digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max of (I2SDIV+ODD)/(2*I2SDIV+ODD). Fs max is supported for each mode/condition. Figure 33. I2S slave timing diagram (Philips protocol)(1) 1. Measurement points are done at CMOS levels: 0.3 × VDD and 0.7 × VDD. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. Figure 34. I2S master timing diagram (Philips protocol)(1) 1. Guaranteed by characterization results. 2. LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first byte. |