| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151VDH7 bảng dữ liệu(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VDH7 bảng dữ liệu(HTML) 121 Page - STMicroelectronics |
|
121 / 154 page ![]() DocID022027 Rev 11 121/154 STM32L151xD STM32L152xD Electrical characteristics 129 Figure 36. ADC accuracy characteristics Figure 37. Typical connection diagram using the ADC 1. Refer to Table 66: Maximum source impedance RAIN max for the value of RAIN and Table 64: ADC characteristics for the value of CADC. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. |