công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L151VDT6 bảng dữ liệu(PDF) 121 Page - STMicroelectronics

tên linh kiện STM32L151VDT6
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VDT6 bảng dữ liệu(HTML) 121 Page - STMicroelectronics

Back Button STM32L151VDT6 Datasheet HTML 117Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 118Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 119Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 120Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 121Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 122Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 123Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 124Page - STMicroelectronics STM32L151VDT6 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 154 page
background image
DocID022027 Rev 11
121/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Figure 36. ADC accuracy characteristics
Figure 37. Typical connection diagram using the ADC
1. Refer to Table 66: Maximum source impedance RAIN max for the value of RAIN and Table 64: ADC
characteristics for the value of CADC.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy
this, fADC should be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More