| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DST-SW-TON bảng dữ liệu(PDF) 107 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-TON bảng dữ liệu(HTML) 107 Page - Greenlee Communications |
|
107 / 108 page ![]() 383 = NEW PRODUCT = REPLACEMENT PART = ACCESSORY B = BARE TOOL www.greenlee.com www.greenlee.com • Make custom length, premium HDMI®* cables • Eliminates cable clutter • Costs less than pre-terminated cables 14 Piece Kit Includes: 1) PA1192 HDMI®* HDFT™ Cable Prep Tool (1) PA8700 HDMI®* HDFT™ Termination Tool (10) HDCN24-10 HDMI®* Field Terminating Connectors (1) PA1175 Media Cable Cutter (1) TC-30 Deluxe Carrying Case HDFT™ Pro Deluxe Kit CAT NO. UPC NO. DESCRIPTION PA4017 00099 Pro Deluxe Kit 12 Piece Kit Includes: (1) PA1192 HDMI®* HDFT™ Cable Prep Tool (1) PA8700 HDMI®* HDFT™ Termination Tool (10) HDCN24-10 HDMI®* Field Terminating Connectors HDFT™ Pro Kit CAT NO. UPC NO. DESCRIPTION PA4019 00101 Pro Kit • Precision cast 4140 steel for durability • High tensile steel cutting blades for long life • Error-proof design avoids misalignment HDFT™ Die Set CAT NO. UPC NO. DESCRIPTION PA4003 00098 Die Set • 14 LED readout for easy checking • Sweep function checks for crossed wires • 9V battery included Pro HDMI® Cable Tester CAT NO. UPC NO. DESCRIPTION PA1599 00075 Pro Cable Tester *HDMI Equivalent HDMI®* Registered trademark of HDMI Licensing, LLC HDFT™ Trademark owned by the Quest Group HDMI TOOLS PA4017 PA4019 PA1599 PA4003 |