công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB100PTR bảng dữ liệu(PDF) 182 Page - STMicroelectronics

tên linh kiện SPSB100PTR
Giải thích chi tiết về linh kiện  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR bảng dữ liệu(HTML) 182 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 178Page - STMicroelectronics SPSB100PTR Datasheet HTML 179Page - STMicroelectronics SPSB100PTR Datasheet HTML 180Page - STMicroelectronics SPSB100PTR Datasheet HTML 181Page - STMicroelectronics SPSB100PTR Datasheet HTML 182Page - STMicroelectronics SPSB100PTR Datasheet HTML 183Page - STMicroelectronics SPSB100PTR Datasheet HTML 184Page - STMicroelectronics SPSB100PTR Datasheet HTML 185Page - STMicroelectronics SPSB100PTR Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 213 page
background image
Bit
Name
Description
21
RES
Reserved
20
RES
Reserved
19
RES
Reserved
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
Table 278. DSR12 (0x2C)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R0)
- (R0)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
RES
TEMP_CL3_9
TEMP_CL3_8
TEMP_CL3_7
TEMP_CL3_6
TEMP_CL3_5
TEMP_CL3_4
Reserved Reserved
Temperature
cluster 3 bit 9
Temperature
cluster 3 bit 8
Temperature
cluster 3 bit 7
Temperature
cluster 3 bit 6
Temperature
cluster 3 bit 5
Temperature
cluster 3 bit 4
Table 279. DSR12 (0x2C) description
Bit
Name
Description
15
RES
Reserved
14
RES
Reserved
13
TEMP_CL3_9
Temperature cluster 3
Bits cannot be cleared
(a clear command generates a SPI_UNDEF_ADD flag)
12
TEMP_CL3_8
11
TEMP_CL3_7
10
TEMP_CL3_6
9
TEMP_CL3_5
8
TEMP_CL3_4
Table 280. DSR12 (0x2C) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
TEMP_CL3_3
TEMP_CL3_2
TEMP_CL3_1
TEMP_CL3_0
CRC3
CRC2
CRC1
CRC0
Temperature
cluster 3 bit 3
Temperature
cluster 3 bit 2
Temperature
cluster 3 bit 1
Temperature
cluster 3 bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 281. DSR12 (0x2C) LSB description
Bit
Name
Description
7
TEMP_CL3_3
6
TEMP_CL3_2
5
TEMP_CL3_1
4
TEMP_CL3_0
SPSB100
SPI registers
DS14640 - Rev 2
page 182/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com