công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB100PTR bảng dữ liệu(PDF) 177 Page - STMicroelectronics

tên linh kiện SPSB100PTR
Giải thích chi tiết về linh kiện  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR bảng dữ liệu(HTML) 177 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 173Page - STMicroelectronics SPSB100PTR Datasheet HTML 174Page - STMicroelectronics SPSB100PTR Datasheet HTML 175Page - STMicroelectronics SPSB100PTR Datasheet HTML 176Page - STMicroelectronics SPSB100PTR Datasheet HTML 177Page - STMicroelectronics SPSB100PTR Datasheet HTML 178Page - STMicroelectronics SPSB100PTR Datasheet HTML 179Page - STMicroelectronics SPSB100PTR Datasheet HTML 180Page - STMicroelectronics SPSB100PTR Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 213 page
background image
Bit
Name
Description
0: No transition to DEEP-SLEEP due to REG_FAIL_CNT
8
REG_FAIL_CNT_1
Table 256. DSR8 (0x28) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
REG_FAIL_CNT_0
ABIST_BOOST_IGNORED
LBIST_COMPLETE
ABIST_COMPLETE
CRC3
CRC2
CRC1
CRC0
Regulator fail counter bit
0
ABIST boost ignored bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 257. DSR8 (0x28) LSB description
Bit
Name
Description
7
REG_FAIL_CNT_0
REG_FAIL_CNT is incremented when a reg_fail event occurs on any regulator having its
REGFAIL_GO_REC = 1 (that is one counter for all regulators having
REGFAIL_GO_REC = 1)
6
ABIST_BOOST_IGNORED
1: Boost PWM activity has been detected during the ABIST test. So the BOOST comparator
has not been covered by ABIST not to signal a wrong ABIST error
0: Boost ABIST well run
5
LBIST_COMPLETE
Define logical BIST ending
1: LBIST is complete
0: LBIST not complete or not running
4
ABIST_COMPLETE
Define analog BIST ending
1: ABIST is complete
0: ABIST not complete or not running
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 258. DSR9 (0x29) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
RES
RES
RES
RES
RES
RES
RES
RES
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 259. DSR9 (0x29) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
RES
Reserved
18
RES
Reserved
SPSB100
SPI registers
DS14640 - Rev 2
page 177/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com