công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB100PTR bảng dữ liệu(PDF) 169 Page - STMicroelectronics

tên linh kiện SPSB100PTR
Giải thích chi tiết về linh kiện  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR bảng dữ liệu(HTML) 169 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 165Page - STMicroelectronics SPSB100PTR Datasheet HTML 166Page - STMicroelectronics SPSB100PTR Datasheet HTML 167Page - STMicroelectronics SPSB100PTR Datasheet HTML 168Page - STMicroelectronics SPSB100PTR Datasheet HTML 169Page - STMicroelectronics SPSB100PTR Datasheet HTML 170Page - STMicroelectronics SPSB100PTR Datasheet HTML 171Page - STMicroelectronics SPSB100PTR Datasheet HTML 172Page - STMicroelectronics SPSB100PTR Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 213 page
background image
Table 230. DSR4 (0x24) description
Bit
Name
Description
15 SPI_STATUS_WRT 1: SPI writes access to status register
14
SPI_LBISTED
1: SPI access while SPI is under LBIST test
13
FBB_OV_EW
FBB over voltage early warning
1: Indicates the voltage at FBB increased above the FBB over voltage early warning threshold
(configured in CR3)
In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ.
Bit is latched until a “read and clear” command
12
FBB_UV_EW
FBB under voltage early warning
1: Indicates the voltage at FBB decreased below the FBB under voltage early warning threshold
(configured in CR3)
In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ
Bit is latched until a “read and clear” command
11
VS_UV_EW
VS early warning
1: Indicates the voltage at VS decreased below the VS early warning threshold (configured in CR3)
In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ. Bit is latched until a “read and
clear” command
10
RES
Reserved
9
TW_CL4
Thermal warning of cluster x
1: Indicates cluster x has reached the thermal warning threshold (TSW)
Bit is latched until a “read and clear” command
8
TW_CL3
Table 231. DSR4 (0x24) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
TW_CL2
TW_CL1
TW_CL0
TW
CRC3
CRC2
CRC1
CRC0
Thermal
warning of
cluster 2 bit
Thermal
warning of
cluster 1 bit
Central
thermal
warning bit
Thermal
warning bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 232. DSR4 (0x24) LSB description
Bit
Name
Description
7
TW_CL2
6
TW_CL1
5
TW_CL0 Central thermal warning
4
TW
Thermal warning
1: Indicates the temperature has reached the thermal warning threshold (logical OR combination of bits
TW_CLx in DSR6)
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
SPSB100
SPI registers
DS14640 - Rev 2
page 169/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com