công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPSB100PTR bảng dữ liệu(PDF) 134 Page - STMicroelectronics

tên linh kiện SPSB100PTR
Giải thích chi tiết về linh kiện  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR bảng dữ liệu(HTML) 134 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 130Page - STMicroelectronics SPSB100PTR Datasheet HTML 131Page - STMicroelectronics SPSB100PTR Datasheet HTML 132Page - STMicroelectronics SPSB100PTR Datasheet HTML 133Page - STMicroelectronics SPSB100PTR Datasheet HTML 134Page - STMicroelectronics SPSB100PTR Datasheet HTML 135Page - STMicroelectronics SPSB100PTR Datasheet HTML 136Page - STMicroelectronics SPSB100PTR Datasheet HTML 137Page - STMicroelectronics SPSB100PTR Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 213 page
background image
Bit
Name
Description
0: Open-load condition at OUTHS is not masked (default)
11
RES
Reserved
10
MASK_GW_GSB
Mask global warning
1: Global warning conditions are masked
It is reported as a global warning (GSB bit 1) but not as a global error (GSB bit 7)
0: Global warning conditions are not masked (default)
9
RES
Reserved
8
RES
Reserved
Table 105. DCR8 (0x08) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R/W)
0 (R/W)
1 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
RES
RES
RES
GO_INIT
CRC3
CRC2
CRC1
CRC0
Reserved Reserved Reserved NVM init bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 106. DCR8 (0x08) LSB description
Bit
Name
Description
7
RES
Reserved
6
RES
Reserved
5
RES
Reserved
4
GO_INIT
1: NVM emulation and load phases are completed and INIT state can be executed
(valid only in USER_NVM_PROG state)
This bit is automatically cleared and always read low and always read low
0: (default)
3
CRC3
2
CRC2
1
CRC1
0
CRC0
SPSB100
SPI registers
DS14640 - Rev 2
page 134/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com