| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9963E bảng dữ liệu(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E bảng dữ liệu(HTML) 106 Page - STMicroelectronics |
|
106 / 184 page ![]() Register Name Field name Description 1 → Configuration override occurred CONF_CYCLIC_EN RW 13 1 0x0 A 0 → Cyclic conversions disabled 1 → Cyclic conversions enabled DUTY_ON RO 12 1 0x0 B 0 → No conversion ongoing 1 → Conversion ongoing ADC_FILTER_SOC RW 9 3 0x0 B Determines the filter window used for on-demand conversions. See Table 39 GPIO_CONV WO 8 1 0x0 B 0 → GPIO conversion disabled for on- demand conversion 1 → GPIO conversion performed during on-demand conversion GPIO_TERM_CONV WO 7 1 0x0 B 0 → GPIO open check disabled for on-demand conversion 1 → GPIO open check performed during on-demand conversion CELL_TERM_CONV WO 6 1 0x0 B 0 → Cx open check disabled for on- demand conversion 1 → Cx open check performed during on-demand conversion BAL_TERM_CONV WO 5 1 0x0 B 0 → Balancing open check disabled for on-demand conversion 1 → Balancing open check performed during on-demand conversion HWSC WO 4 1 0x0 B 0 → HWSC disabled for on-demand conversion 1 → HWSC performed during on- demand conversion TCYCLE RW 1 3 0x0 A Determines the period of cyclic conversions executed in Normal state. See Table 68 CYCLIC_CONTINOUS RW 0 1 0x0 A 0 → Cyclic conversions triggered periodically by TCYCLE timer 1 → Cyclic conversions performed continuously NCYCLE_PROG_1 0xE T_CELL_SET RW 16 2 0x0 A 00 → No settling time 01 → 175 μs settling time 10 → 350 μs settling time 11 → 700 μs settling time NCYCLE_GPIO_TERM RW 13 3 0x0 A Determines GPIO open check periodicity during cyclic executions See Table 68 L9963E Register map DS13636 - Rev 12 page 106/184 |