công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA381BW bảng dữ liệu(PDF) 102 Page - STMicroelectronics

tên linh kiện STA381BW
Giải thích chi tiết về linh kiện  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW bảng dữ liệu(HTML) 102 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 98Page - STMicroelectronics STA381BW Datasheet HTML 99Page - STMicroelectronics STA381BW Datasheet HTML 100Page - STMicroelectronics STA381BW Datasheet HTML 101Page - STMicroelectronics STA381BW Datasheet HTML 102Page - STMicroelectronics STA381BW Datasheet HTML 103Page - STMicroelectronics STA381BW Datasheet HTML 104Page - STMicroelectronics STA381BW Datasheet HTML 105Page - STMicroelectronics STA381BW Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 174 page
background image
Register description: New Map
STA381BW
102/174
DocID018835 Rev 8
The charge pump can be synchronized with the PWM frame in order to minimize the
crosstalk between the charge pump and the PWM waveform.
This functionality cannot be activated when the PWMS bit (address 0x15 bit D4) is set to 1.
6.37
Coefficient RAM CRC protection (address 0x71-0x7D)
D7
D6
D5
D4
D3
D2
D1
D0
BQCKE[7]
BQCKE[6]
BQCKE[5]
BQCKE[4]
BQCKE[3]
BQCKE[2]
BQCKE[1]
BQCKE[0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCKE[15]
BQCKE[14]
BQCKE[13]
BQCKE[12]
BQCKE[11]
BQCKE[10]
BQCKE[9]
BQCKE[8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCKE[23]
BQCKE[22]
BQCKE[21]
BQCKE[20]
BQCKE[19]
BQCKE[18]
BQCKE[17]
BQCKE[16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
XCCKE[7]
XCCKE[6]
XCCKE[5]
XCCKE[4]
XCCKE[3]
XCCKE[2]
XCCKE[1]
XCCKE[0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
XCCKE[15]
XCCKE[14]
XCCKE[13]
XCCKE[12]
XCCKE[11]
XCCKE[10]
XCCKE[9]
XCCKE[8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
XCCKE[23]
XCCKE[22]
XCCKE[21]
XCCKE[20]
XCCKE[19]
XCCKE[18]
XCCKE[17]
XCCKE[16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCKR[7]
BQCKR[6]
BQCKR[5]
BQCKR[4]
BQCKR[3]
BQCKR[2]
BQCKR[1]
BQCKR[0]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCKR[15]
BQCKR[14]
BQCKR[13]
BQCKR[12]
BQCKR[11]
BQCKR[10]
BQCKR[9]
BQCKR[8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
BQCKR[23]
BQCKR[22]
BQCKR[21]
BQCKR[20]
BQCKR[19]
BQCKR[18]
BQCKR[17]
BQCKR[16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
XCCKR[23]
XCCKR[22]
XCCKR[21]
XCCKR[20]
XCCKR[19]
XCCKR[18]
XCCKR[17]
XCCKR[16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
XCCKR[23]
XCCKR[22]
XCCKR[21]
XCCKR[20]
XCCKR[19]
XCCKR[18]
XCCKR[17]
XCCKR[16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
XCCKR[23]
XCCKR[22]
XCCKR[21]
XCCKR[20]
XCCKR[19]
XCCKR[18]
XCCKR[17]
XCCKR[16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More