| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSF0108 bảng dữ liệu(PDF) 203 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 bảng dữ liệu(HTML) 203 Page - Nexperia B.V. All rights reserved |
|
203 / 234 page ![]() 203 TSSOP5 (SOT353) Dimensions in mm TSSOP5 (SOT353) solder lands solder resist occupied area solder paste sot353_fr 0.4 0.6 0.5 (4´) 0.5 (4´) 0.6 (4´) 0.6 (4´) 2.35 2.65 0.9 0.9 0.75 0.75 Dimensions in mm Minimized outline drawings and reflow soldering footprint 5-pin SMD packages TSSOP5 (SOT353-1) TSSOP5 (SOT353-1) 14-10-01 Dimensions in mm 3 4 5 2 1 1.1 2.25 1.85 0.60 0.15 0.30 0.15 1.3 0.65 2.25 2.00 1.35 1.15 0.46 0.21 0.1 0.0 0.25 0.08 solder lands solder resist occupied area solder paste sot353_fr 0.4 0.6 0.5 (4´) 0.5 (4´) 0.6 (4´) 0.6 (4´) 2.35 2.65 0.9 0.9 0.75 0.75 Dimensions in mm TSOP5 (SOT753) TSOP5 (SOT753) 3.0 2.5 1.7 1.3 3.1 2.7 1.1 0.9 0.26 0.10 0.40 0.25 1.9 0.95 0.6 0.2 13 2 4 5 14-10-03 Dimensions in mm 6-pin SMD packages XSON6 (SOT1115) XSON6 (SOT1115) 3 1 2 4 6 5 0.55 1.05 0.95 0.35 max 0.04 max 0.20 0.12 0.40 0.32 0.35 0.27 0.35 0.95 0.85 0.35 10-04-06 Dimensions in mm SOT1115 Footprint information for reflow soldering of XSON6 package sot1115_fr occupied area solder paste solder resist solder lands Issue date Dimensions in mm 10-11-05 17-03-03 0.5 (6x) 0.6 (6x) 0.95 1.4 0.14 (6x) 0.15 (6x) 0.25 (6x) 0.3 0.7 0.3 SOT1115 Footprint information for reflow soldering of XSON6 package sot1115_fr occupied area solder paste solder resist solder lands Issue date Dimensions in mm 10-11-05 17-03-03 0.5 (6x) 0.6 (6x) 0.95 1.4 0.14 (6x) 0.15 (6x) 0.25 (6x) 0.3 0.7 0.3 Images are for reference only, for detailed drawings please visit nexperia.com/packages Dimensions in mm |