| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSF0108 bảng dữ liệu(PDF) 126 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 bảng dữ liệu(HTML) 126 Page - Nexperia B.V. All rights reserved |
|
126 / 234 page ![]() Automotive analog & logic ICs Transceivers Type number Description Features Package (suffix) 74AHC245-Q100 Octal transceiver (3-state) 2.0 - 5.5 ± 8 3.5 -40 to 125 • • • 74AHCT245-Q100 Octal transceiver; TTL-enabled (3-state) 4.5 - 5.5 ± 8 5.0 -40 to 125 • • • 74AVC16245-Q100 16-bit transceiver (3-state) 1.2 - 3.6 ± 12 2.0 -40 to 85 • 74HC245-Q100 Octal transceiver (3-state) 2.0 - 6.0 ± 7.8 7.0 -40 to 125 • • • 74HCT245-Q100 Octal transceiver; TTL-enabled (3-state) 4.5 - 5.5 ± 6 10 -40 to 125 • • • 74LVC245A-Q100 Octal transceiver (3-state) 1.2 - 3.6 ± 24 2.9 -40 to 125 • • • 74LVCH245A-Q100 Octal transceiver with bus hold (3-state) 1.2 - 3.6 ± 24 2.9 -40 to 125 • • • 74LVC16245A-Q100 16-bit bus transceiver with dIRection pin; 5 V tolerant (3-state) 1.3 - 3.6 ± 24 5.2 -40 to 125 • • 74LVC162245A-Q100 16-bit transceiver with 30 Ω termination resistors (3-state) 1.2 - 3.6 ± 12 3.3 -40 to 125 • • 74LVCH16245A-Q100 16-bit bus transceiver with bus hold with dIRection pin; 5 V tolerant (3-state) 1.3 - 3.6 ± 24 5.2 -40 to 125 • • Types in bold represent new products Nexperia selection guide 2020 126 |