| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSF0108 bảng dữ liệu(PDF) 118 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 bảng dữ liệu(HTML) 118 Page - Nexperia B.V. All rights reserved |
|
118 / 234 page ![]() Automotive analog & logic ICs Type number Description Features Package (suffix) 74HC74-Q100 Dual D-type flip-flop with set and reset; positive-edge trigger 2.0 - 6.0 ± 5.2 14 -40 to 125 • • • 74HCT74-Q100 Dual D-type flip-flop with set and reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 4 15 -40 to 125 • • • 74HC107-Q100 Dual J-K flip-flop with reset; negative-edge trigger 2.0 - 6.0 ± 5.2 16 -40 to 125 • • 74HCT107-Q100 Dual J-K flip-flop with reset; negative-edge trigger; TTL-enabled 4.5 - 5.5 ± 4 16 -40 to 125 • 74HC109-Q100 Dual J-K flip-flop with set and reset; positive-edge trigger 2.0 - 6.0 ± 5.2 15 -40 to 125 • 74HCT109-Q100 Dual J-K flip-flop with set and reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 4 17 -40 to 125 • 74HC174-Q100 Hex D-type flip-flop with reset; positive-edge trigger 2.0 - 6.0 ± 5.2 17 -40 to 125 • • 74HCT174-Q100 Hex D-type flip-flop with reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 4 18 -40 to 125 • • 74HC175-Q100 Quad D-type flip-flop with reset; positive-edge trigger 2.0 - 6.0 ± 5.2 17 -40 to 125 • • 74HCT175-Q100 Quad D-type flip-flop with reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 4 16 -40 to 125 • • 74HC273-Q100 Octal D-type flip-flop with reset; positive-edge trigger 2.0 - 6.0 ± 5.2 15 -40 to 125 • • • 74HCT273-Q100 Octal D-type flip-flop with reset; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 4 15 -40 to 125 • • • 74HC377-Q100 Octal D-type flip-flop with data enable; positive-edge trigger 2.0 - 6.0 ± 7.8 13 -40 to 125 • • 74HCT377-Q100 Octal D-type flip-flop with data enable; positive-edge trigger; TTL-enabled 4.5 - 5.5 ± 6 14 -40 to 125 • • 74HC574-Q100 Octal D-type flip-flop; positive-edge trigger (3-state) 2.0 - 6.0 ± 7.8 14 -40 to 125 • • 74HCT574-Q100 Octal D-type flip-flop; positive-edge trigger; TTL-enabled (3-state) 4.5 - 5.5 ± 6 15 -40 to 125 • • 74LV74-Q100 Dual D-type flip-flop with set and reset; positive-edge trigger 1.0 - 5.5 ± 12 11 -40 to 125 • • 74LVC74A-Q100 Dual D-type flip-flop with set and reset; positive-edge trigger 1.2 - 3.6 ± 24 2.5 -40 to 125 • • • 74LVC273-Q100 Octal D-type flip-flop with reset; positive-edge trigger 1.2 - 3.6 ± 24 6.0 -40 to 125 • • • 74LVC374A-Q100 Octal D-type flip-flop; positive-edge trigger (3-state) 1.2 - 3.6 ± 24 2.7 -40 to 125 • • • Flip-flops Nexperia selection guide 2020 118 |