công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F271Z1Q3 bảng dữ liệu(PDF) 170 Page - STMicroelectronics

tên linh kiện ST10F271Z1Q3
Giải thích chi tiết về linh kiện  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1Q3 bảng dữ liệu(HTML) 170 Page - STMicroelectronics

Back Button ST10F271Z1Q3 Datasheet HTML 166Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 167Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 168Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 169Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 170Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 171Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 172Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 173Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 185 page
background image
Electrical characteristics
ST10F271Z1
170/185
Figure 57.
External memory cycle: demultiplexed bus, with/without r/w delay, normal ALE
Write cycle
CLKOUT
ALE
A23-A16
A15-A0 (P1)
BHE
WR
WRL
WRH
Data in
Data out
t38
t5
t9
t39
t41
t18
t14
t22
t12
Address
t17
t13
t15
t12
t13
t21
t20
t81
t80
t26
t24
t17
t6
t41u
t6
t80
t81
t28 (or t28h)
CSx
Read cycle
Data bus (P0)
RD
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More