| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L452VCI3 bảng dữ liệu(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCI3 bảng dữ liệu(HTML) 120 Page - STMicroelectronics |
|
120 / 210 page ![]() Electrical characteristics STM32L452xx 120/210 DocID029968 Rev 3 APB1 RTCA 1.7 1.1 2.1 µA/MHz CRS 0.3 0.3 0.6 USB FS independent clock domain 2.9 N/A N/A USB FS clock domain 2.3 N/A N/A I2C1 independent clock domain 3.5 2.8 3.4 I2C1 clock domain 1.1 0.9 1.0 I2C2 independent clock domain 3.5 3.0 3.4 I2C2 clock domain 1.1 0.7 0.9 I2C3 independent clock domain 2.9 2.3 2.5 I2C3 clock domain 0.9 0.4 0.8 LPUART1 independent clock domain 1.9 1.6 1.8 LPUART1 clock domain 0.6 0.6 0.6 LPTIM1 independent clock domain 2.9 2.4 2.8 LPTIM1 clock domain 0.8 0.4 0.7 LPTIM2 independent clock domain 3.1 2.7 3.9 LPTIM2 clock domain 0.8 0.7 0.8 OPAMP 0.4 0.2 0.4 PWR 0.4 0.1 0.4 SPI2 1.8 1.6 1.6 SPI3 1.7 1.3 1.6 SWPMI1 independent clock domain 1.9 1.6 1.9 SWPMI1 clock domain 0.9 0.7 0.8 TIM2 6.2 5.0 5.9 TIM6 1.0 0.6 0.9 USART2 independent clock domain 4.1 3.6 3.8 USART2 clock domain 1.3 0.9 1.1 USART3 independent clock domain 4.3 3.5 4.2 USART3 clock domain 1.5 1.1 1.3 WWDG 0.5 0.5 0.5 All APB1 on 51.5 35.5 48.6 Table 51. Peripheral current consumption (continued) Peripheral Range 1 Range 2 Low-power run and sleep Unit |