| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ256GA705-I/M4. bảng dữ liệu(PDF) 406 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ256GA705-I/M4. bảng dữ liệu(HTML) 406 Page - Microchip Technology |
|
406 / 412 page ![]() PIC24FJ256GA705 FAMILY DS30010118B-page 406 2016 Microchip Technology Inc. T Timer1 ............................................................................... 159 Timer2/3 ............................................................................ 161 Timing Diagrams CLKO and I/O Characteristics................................... 371 External Clock........................................................... 369 Triple Comparator ............................................................. 309 Triple Comparator Module ................................................ 309 U UART ................................................................................ 229 Baud Rate Generator (BRG)..................................... 231 Infrared Support ........................................................ 232 Operation of UxCTS and UxRTS Pins ...................... 232 Receiving 8-Bit or 9-Bit Data Mode ................................... 232 Transmitting 8-Bit Data Mode ................................................ 232 9-Bit Data Mode ................................................ 232 Break and Sync Sequence ............................... 232 Unique Device Identifier (UDID)........................................ 340 Universal Asynchronous Receiver Transmitter. See UART. Unused I/Os ........................................................................ 34 V Voltage Regulator Pin (VCAP) ............................................. 31 W Watchdog Timer (WDT).................................................... 342 Control Register........................................................ 342 Windowed Operation ................................................ 342 WWW Address ................................................................. 407 WWW, On-Line Support ..................................................... 12 |