công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F429NET7TR bảng dữ liệu(PDF) 204 Page - STMicroelectronics

tên linh kiện STM32F429NET7TR
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET7TR bảng dữ liệu(HTML) 204 Page - STMicroelectronics

Back Button STM32F429NET7TR Datasheet HTML 200Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 201Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 202Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 203Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 204Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 205Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 206Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 207Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 231 page
background image
Package information
STM32F427xx STM32F429xx
204/231
DocID024030 Rev 6
Figure 90. LQFP176 - 176-pin, 24 x 24 mm low profile quad flat recommended
footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More