công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F429NET7TR bảng dữ liệu(PDF) 193 Page - STMicroelectronics

tên linh kiện STM32F429NET7TR
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET7TR bảng dữ liệu(HTML) 193 Page - STMicroelectronics

Back Button STM32F429NET7TR Datasheet HTML 189Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 190Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 191Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 192Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 193Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 194Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 195Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 196Page - STMicroelectronics STM32F429NET7TR Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 231 page
background image
DocID024030 Rev 6
193/231
STM32F427xx STM32F429xx
Package information
225
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
LQFP100 package information
Figure 80. LQFP100 -100-pin, 14 x 14 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More