| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9252/PT bảng dữ liệu(PDF) 173 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252/PT bảng dữ liệu(HTML) 173 Page - Microchip Technology |
|
173 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 173 LAN9252 2 INT2_MASK This interrupt mask bit enables/masks the Parallel Detection fault interrupt. 0: Interrupt source is masked 1: Interrupt source is enabled R/W 0b 1 INT1_MASK This interrupt mask bit enables/masks the Auto-Negotiation page received interrupt. 0: Interrupt source is masked 1: Interrupt source is enabled R/W 0b 0 RESERVED RO - Bits Description Type Default |