| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9252TI/ML bảng dữ liệu(PDF) 327 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252TI/ML bảng dữ liệu(HTML) 327 Page - Microchip Technology |
|
327 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 327 LAN9252 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: LAN9252 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel(Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) V= -40 C to +105C (Extended Industrial)(Note 2) Package: ML = 64-pin QFN PT = 64-pin TQFP-EP Examples: a) LAN9252/ML Standard Packaging (Tray), Commercial Temperature, 64-pin QFN b) LAN9252TI/PT Tape and Reel Industrial Temperature, 64-pin TQFP-EP Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. 2: Extended industrial temp. support (105 ºC) in the 64-QFN only PART NO. Device Tape and Reel Option / Temperature Range XX [X] [X] Package |