công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN9252TI/ML bảng dữ liệu(PDF) 315 Page - Microchip Technology

tên linh kiện LAN9252TI/ML
Giải thích chi tiết về linh kiện  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML bảng dữ liệu(HTML) 315 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 311Page - Microchip Technology LAN9252TI/ML Datasheet HTML 312Page - Microchip Technology LAN9252TI/ML Datasheet HTML 313Page - Microchip Technology LAN9252TI/ML Datasheet HTML 314Page - Microchip Technology LAN9252TI/ML Datasheet HTML 315Page - Microchip Technology LAN9252TI/ML Datasheet HTML 316Page - Microchip Technology LAN9252TI/ML Datasheet HTML 317Page - Microchip Technology LAN9252TI/ML Datasheet HTML 318Page - Microchip Technology LAN9252TI/ML Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 315
LAN9252
18.6
AC Specifications
This section details the various AC timing specifications of the device.
Note:
The I2C timing adheres to the NXP I2C-Bus Specification. Refer to the NXP I2C-Bus Specification for
detailed I2C timing information.
Note:
The MII/SMI timing adheres to the IEEE 802.3 Specification.
Note:
The RMII timing adheres to the RMII Consortium RMII Specification R1.2.
18.6.1
EQUIVALENT TEST LOAD
Output timing specifications assume the 25 pF equivalent test load, unless otherwise noted, as illustrated in Figure 18-1.
FIGURE 18-1:
OUTPUT EQUIVALENT TEST LOAD
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More