| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9252TI/ML bảng dữ liệu(PDF) 232 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252TI/ML bảng dữ liệu(HTML) 232 Page - Microchip Technology |
|
232 / 329 page ![]() LAN9252 DS00001909A-page 232 2015 Microchip Technology Inc. Bits Description ECAT Type PDI Type Default 7:1 RESERVED Write 0. RO RO 0000000b 0 Write Register Enable If write protection is enabled, this register must be written in the same Ethernet frame (value is a don’t care) before other writes to this station are allowed. Write protection is still active after this frame (if the Write Register Protection Register is not changed) R/W RO 0b |