| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F271E bảng dữ liệu(PDF) 172 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F271E bảng dữ liệu(HTML) 172 Page - STMicroelectronics |
|
172 / 180 page ![]() Electrical characteristics ST10F271B/ST10F271E 172/180 Figure 60. External bus arbitration (regaining the bus) 1. This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated earlier, the regain-sequence is initiated by HOLD going high. Please note that HOLD may also be deactivated without the ST10F271 requesting the bus. 2. The next ST10F271 driven bus cycle may start here. CLKOUT HOLD HLDA Other signals t62 CSx (On P6.x) t67 t62 1) 2) t65 t61 BREQ t63 t62 |